Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJG1104KB2
- 7 -
nTYPICAL CHARACTERISTICS
-10
-5
0
5
10
15
20
-50
0
50
100
Gain vs. Ta (Variable VCONT)
Ta (
o
C)
VCONT=1.4V
VCONT=1.2V
VCONT=1.1V
VCONT=1.0V
VCONT=0.9V
VCONT=0.8V
VCONT=0.6V
VCONT=0.4V
VCONT=0.2V
VCONT=1.3V
Delta Gain(max)=1.3dB@Ta=-40to80
oC,VCONT=1.3V
VCONT=0V
(V
DD
=2.8V,freq=865MHz)
10
12
14
16
18
20
-10
-8
-6
-4
-2
0
-50
0
50
100
NF,Gain vs. Ta
Ta (
o
C)
Gain
NF
(V
DD
=2.8V,V
CONT
=0.2V,freq=865MHz)
0
1
2
3
4
5
10
12
14
16
18
20
-50
0
50
100
NF,Gain vs. Ta
Ta (
oC)
(V
DD
=2.8V,V
CONT
=1.7V,freq=865MHz)
Gain
NF
20
22
24
26
28
30
0
2
4
6
8
10
-50
0
50
100
OIP3,IIP3 vs. Ta
Ta (
oC)
(V
DD
=2.8V,V
CONT
=1.7V,freq=865+865.1MHz,Pin=-30dBm)
IIP3
OIP3
16
18
20
22
24
26
18
20
22
24
26
28
-50
0
50
100
OIP3,IIP3 vs. Ta
Ta (
o
C)
IIP3
OIP3
(V
DD
=2.8V,V
CONT
=0.2V,freq=865+865.1MHz,Pin=-10dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com