Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NJG1104KB2
- 11 -
nRECOMMENDED CIRCUIT
nRECOMMENDED PCB DESIGN
Parts List (f=830~900MHz)
PARTS ID
Constant
Comment
L1
22nH
TAIYO-YUDEN HK1005 Series
L2
22nH
TAIYO-YUDEN HK1608 Series
L3
22nH
TAIYO-YUDEN HK1005 Series
L4
15nH
TAIYO-YUDEN HK1005 Series
L5
5.6nH
TAIYO-YUDEN HK1005 Series
C1, C4, C5
1000pF
MURATA GRM36 Series
C2
6pF
MURATA GRM36 Series
C3
100pF
MURATA GRM36 Series
R1
120
Ω
-
PCB: FR4 t=0.2mm
MICROSTRIP LINE WIDTH=0.4mm(Zo=50
Ω)
PCB SIZE: 20.0x20.0mm
RF Input
RF Output
L1
L2
C1
L5
R1
C3
L3
L4
C5
C4
V
CONT
V
DD
C2
PRECAUTIONS
1) The inductor of 1608 size is
recommended for NF
characteristics.
2) The value of C3 is selected
to get lower gain and higher
output IP3.
RF Output
RF Input
C3
VCONT=0.2V to 1.7V
GND
VDD=2.8V
ATT
AMP
C1
L2
L1
L3
L4
C2
C4
C5
GND
L5
R1
1
2
3
6
5
4
RFout
SOURCE
RFin
Vcont



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com