Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 7Page - RF Micro Devices RF5345 Datasheet HTML 8Page - RF Micro Devices RF5345 Datasheet HTML 9Page - RF Micro Devices RF5345 Datasheet HTML 10Page - RF Micro Devices RF5345 Datasheet HTML 11Page - RF Micro Devices RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 POWER DETECTOR VOLTAGE vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, Freq=2450MHz, 10% Duty Cycle)
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
01
2345678
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
TEMP = -10C
TEMP = +25C
TEMP = +75C
RF5345 POWER DETECTOR VOLTAGE vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, TEMP=25C, 10% Duty Cycle)
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
0
1
2
3
4
5
6
7
8
9
1011
12131415161718192021
OUPUT POWER (dBm)
FREQ = 2.4GHz
FREQ = 2.45GHz
FREQ = 2.5GHz
RF5345 POWER DETECTOR VOLTAGE vs. SUPPLY VOLTAGE and POWER
(Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, TEMP=25C, 10% Duty Cycle)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
VCC = 3.0V
VCC = 3.3V
VCC = 4.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com