Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices RF5345 Datasheet HTML 17Page - RF Micro Devices RF5345 Datasheet HTML 18Page - RF Micro Devices RF5345 Datasheet HTML 19Page - RF Micro Devices RF5345 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 6. BLUETOOTH TX/RX Control Settings and Signal Flow Diagram
As indicated in the table of fig-6, to optimize performance, controls C_TX and C_RX for the off branches of the SP3T should be
set “low” or grounded. Likewise, it is recommended to terminate the RX and Tx RF Ports in 50
.
SHARED MODE (Simultaneous WiFi and BT Receive Operation)
The RF5345 Receive and Bluetooth circuits were specifically designed to address issues of simultaneous WiFi and Bluetooth
receive operation. Both signals can be received at the same time through the shared mode switch (setting pin 16 “high”).
Either radio, BT or WiFi, can be turned off to receive only one signal at a time. However, the C_SHARED_RX pin should remain
“high” to maintain good return loss at the port in operation. During shared mode, the active components are the RX branch of
the SP3T, the LNA, and the shared mode switch. Refer to figure 7 below for control settings and signal flow.
Case
Mode
C_TX
C_RX
C_Shared_RX
C_BT
LNA_Bias
4 and 5
Bluetooth TX/RX
LOW*
LOW*
LOW
HIGH
LOW
*These controls must be set to a logic low or grounded. Do not leave floating.
8
7
6
5
1
2
3
4
12
11
10
9
13
14
15
16
LNA_Bias
RX_OUT
TX_IN
Vreg
C_BT
ANT
GND
VCC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com