Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 8Page - RF Micro Devices RF5345 Datasheet HTML 9Page - RF Micro Devices RF5345 Datasheet HTML 10Page - RF Micro Devices RF5345 Datasheet HTML 11Page - RF Micro Devices RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 Receive Performance
RF5345 RECEIVE S-PARAMETERS vs. TEMPERATURE vs. FREQUENCY
(SHARED MODE, VCC=3.3v, LNA_EN=2.7v, CONTROL VOLTAGES=2.7v)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
2300
2350
2400
2450
2500
2550
2600
FREQUENCY (MHz)
S11: -10C
S21: -10C
S22: -10C
S11: 25C
S21: 25C
S22: 25C
S11: 75C
S21: 75C
S22: 75C
RF5345 RECEIVE NOISE FIGURE vs. TEMPERATURE vs. FREQUENCY
(SHARED MODE, VCC=3.3v, LNA_EN=2.7v, CONTROL VOLTAGES=2.7v)
0
1
2
3
4
5
6
2400
2450
2500
FREQUENCY (MHz)
NF: 25C
NF: -10C
NF: 75C
RF5345 Input IP3 vs. Temperature vs. Frequency
(Shared Mode, LNA_Bias=3.3v)
0
2
4
6
8
10
12
14
2400
2450
2500
Frequency (MHz)
Temp = - 10C
Temp = + 25C
Temp = + 75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com