Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices RF5345 Datasheet HTML 17Page - RF Micro Devices RF5345 Datasheet HTML 18Page - RF Micro Devices RF5345 Datasheet HTML 19Page - RF Micro Devices RF5345 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 7. Shared Mode Control Settings and Signal Flow
During share mode, the impedance of the port in operation is consistent even if the other radio is turn off. By having one of the
radios off, that port presents a high impedance to the other port allowing performance optimization of the port in operation.
The simultaneous (at each BT and RX ports) typical gain is 8dB with a total current consumption of about 6mA.
Once again, the supply voltage for the LNA (Vdd) is provided through the LNA_Bias (pin 1) which simultaneously turns the LNA
bypass switch “OFF” and sets the device in High Gain mode. All unused control lines and RF Ports must be properly terminated.
SHARED BYPASSED MODE
This operating mode is similar to the normal Shared Mode. The main difference is that the LNA bypass switch is enabled by
applying 0v to the LNA_Bias pin. See figure 8 below.
Case
Mode
C_TX
C_RX
C_Shared_RX
C_BT
LNA_Bias
6
Shared WiFi/BT RX
LOW*
HIGH
HIGH
LOW*
HIGH
*These controls must be set to a logic low or grounded. Do not leave floating.
8
7
6
5
1
2
3
4
12
11
10
9
13
14
15
16
LNA_Bias
RX_OUT
TX_IN
Vreg
C_BT
ANT
GND
VCC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com