Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5345 Datasheet HTML 1Page - RF Micro Devices RF5345 Datasheet HTML 2Page - RF Micro Devices RF5345 Datasheet HTML 3Page - RF Micro Devices RF5345 Datasheet HTML 4Page - RF Micro Devices RF5345 Datasheet HTML 5Page - RF Micro Devices RF5345 Datasheet HTML 6Page - RF Micro Devices RF5345 Datasheet HTML 7Page - RF Micro Devices RF5345 Datasheet HTML 8Page - RF Micro Devices RF5345 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Isolation Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters,
cont’d
ESD
EIA/JESD22-114A, EIA/JESD22-115A
Human Body Model
500
V
RF pins
750
V
DC pins
Change Device Model (CDM)
500
V
All pins
2.4GHz Receive Parameters
Frequency
2.4
2.5
GHz
Receive Gain
9
10.5
dB
WiFi RX only mode
Shared Mode
6
8
dB
Simultaneous WiFi and BT Receive Mode (unused port
terminated in 50
)
Noise Figure
2.8
3.6
dB
WiFi RX mode including switch
Passband Ripple
-0.5
0.5
dB
Bypass WiFi Rx Insertion Loss
7
dB
Output Return Loss
7
dB
WiFi RX mode
7
dB
WiFi and BT RX Shared mode
Output Impedance
50
No external matching
LNA VDD Voltage
2.7
3.0
3.3
V
Applied at pin 1 (same as LNA_Bias)
LNA VDD Current Consumption
6
8
mA
Measured from LNA_Bias (pin 1)
LNA_Bias Voltage
2.7
3.0
3.3
V
Enables the LNA
LNA Leakage
5
uA
Measured from LNA_Bias (pin 1)
Bluetooth® Parameters
Frequency
2.4
2.5
GHz
Insertion Loss
1.5
2.0
dB
SP3T switch, all unused ports terminated into their nom-
inal impedance. Bluetooth® mode only
Passband Ripple
-0.2
+0.2
dB
WiFi RX and BT RX modes
Output Return Loss
10
dB
BT only mode
Output Return Loss (Shared Mode)
10
Simultaneous WiFi and BT Receive Mode
Output Impedance
50
No external matching
Current Consumption
10
A
Switch leakage current
*The EVM specification is obtained with a signal generator that has an EVM level
<0.7%.
Parameter
Min.
Typ.
Max.
Unit
WiFi RX to BT RX/TX
17
dB
WiFi TX to BT RX/TX
17
dB
WiFi RX to WiFi TX
17
dB
Note: The output power for channels 1 & 11 may be reduced to meet FCC restricted band
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com