Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5345 Datasheet HTML 1Page - RF Micro Devices RF5345 Datasheet HTML 2Page - RF Micro Devices RF5345 Datasheet HTML 3Page - RF Micro Devices RF5345 Datasheet HTML 4Page - RF Micro Devices RF5345 Datasheet HTML 5Page - RF Micro Devices RF5345 Datasheet HTML 6Page - RF Micro Devices RF5345 Datasheet HTML 7Page - RF Micro Devices RF5345 Datasheet HTML 8Page - RF Micro Devices RF5345 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
LNA_BIAS
RX_OUT
TX_IN
VREG
VCC_2
GND
ANT
C_BT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RF5345
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT
END MODULE
The RF5345 provides a complete integrated solution in a single Front End Module (FEM) for
WiFi 802.11b/g/n and Bluetooth® systems. The ultra small form factor and integrated match-
ing greatly reduces the number of external components and layout area in the customer appli-
cation. This simplifies the total Front End solution by reducing the bill of materials, system
footprint, and manufacturability cost. The RF5345 integrates a 2.4GHz Power Amplifier (PA),
Low Noise Amplifier (LNA) with bypass mode, power detector coupler for improved accuracy, a
2170MHz notch filter for coexistence with cellular radios, and additional filters for harmonic
rejection. The RF5345 is capable of receiving WiFi and Bluetooth® simultaneously.
The device is provided in a 3.0mmx3.0mmx0.5mm, 16-pin package. This module meets or
exceeds the RF Front End needs of IEEE 802.11b/g/n WiFi RF systems.
Features
Integrated 2.4GHz to 2.5GHz
b/g/n Amplifier LNA, SP3T
Switch, and Power Detector
Coupler
Single Supply Voltage 3.0V to
4.8V
POUT=17dBm, 11g, OFDM at
<3.3% EVM, 20dBm 11b
Meeting 11b Spectral Mask
Integrated Architecture and
Logic for WiFi and Bluetooth®
Receive Coexistence
Low Height Package, Suited for
SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
RF5345
Standard 25 piece bag
RF5345SR
Standard 100 piece reel
RF5345TR7
Standard 2500 piece reel
RF5345PCK-410
Fully Assembled Evaluation Kit
DS120215
Package Style: QFN, 16-pin, 3.0mmx3.0mmx0.5mm


Similar Part No. - RF5345

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5345

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com