Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 10Page - RF Micro Devices RF5345 Datasheet HTML 11Page - RF Micro Devices RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices RF5345 Datasheet HTML 17Page - RF Micro Devices RF5345 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 2. WiFi Transmit Control Settings and Signal Flow Diagram
Once the test setup and DUT have been configured as indicated in figure 1 and 2, the off branches of the SP3T switch (C_RX,
and C_BT) must be set to a logic state “low” (0.2V max) or grounded. In the event that one of these branches are left floating
or in logic state “high” the performance of the PA will degrade significantly. Likewise, unused RF Ports must be terminated in
50
 to simulate actual system conditions and prevent RF signals from coupling back to the PA.
The following sequence for turning the PA “ON” is recommended:
1. Bias VCC to 3.3V (pins 6, 7, and 9) while Vreg and C_TX (pins 4 and 14) are at 0.0v and RF is “OFF.”
2. Set C_TX “high”. This properly terminates the PA berfore turning Vreg “ON.”
3. Turn Vreg (pin 4) “ON” to 2.8V. This pin controls the current drawn by the PA and it should quickly reach the quiescent cur-
rent approximately 110mA±20mA. Care must be exercised not to exceed 3.4V on this pin or the PA may be damaged.
4. Turn RF “ON.”
Note that setting LNA_Bias “low” enables the LNA bypass switch. Therefore, if LNA_Bias is set “high” during Transmit mode, TX
to RX isolation improves. This is an optional setting if additional TX to RX isolation is required for the system.
Case
Mode
C_TX
C_RX
C_Shared_RX
C_BT
LNA_Bias
1
WiFi TX
HIGH
LOW*
X
LOW*
LOW or HIGH**
*These controls must be set to a logic low or grounded. Do not leave floating.
**LNA_Bias “HIGH” disables the bypass switch and improves TX-RX isolation.
8
7
6
5
1
2
3
4
12
11
10
9
13
14
15
16
LNA_Bias
RX_OUT
TX_IN
Vreg
C_BT
ANT
GND
VCC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com