Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5345 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices RF5345 Datasheet HTML 17Page - RF Micro Devices RF5345 Datasheet HTML 18Page - RF Micro Devices RF5345 Datasheet HTML 19Page - RF Micro Devices RF5345 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 4. WiFi Receive Control Settings and Signal Flow Diagram
The supply voltage for the LNA (VDD) is provided through the LNA_Bias (pin 1) which simultaneously turns the LNA bypass
switch “OFF” and sets the device in High Gain mode. As in the case of the WiFi transmit mode, all unused control lines and RF
Ports must be properly terminated. Therefore, C_TX and C_BT are set “low” as well as the BT and TX_In RF ports terminated in
50
.
Due to the output impedance mismatch which results when C_Shared_RX (pin 16) is off, it is recommended to operate WiFi RX
Mode with pin 16 “high” and turning the Bluetooth radio off (see SHARED RX MODE control settings).
WiFi Bypass Mode
During Bypass Mode, the LNA_Bias (pin 1) is at 0V which enables the Bypass switch and sets the device in low gain. Due to the
additional switches involved in this path, the typical insertion loss is about 4.5dB within the frequency band 2.4GHz to
2.5GHz. See figure 5 below for signal flow and control settings.
Case
Mode
C_TX
C_RX
C_Shared_RX
C_BT
LNA_Bias
1
WiFi RX
LOW*
HIGH
LOW
LOW*
HIGH
*These controls must be set to a logic low or grounded. Do not leave floating.
8
7
6
5
1
2
3
4
12
11
10
9
13
14
15
16
LNA_Bias
RX_OUT
TX_IN
Vreg
C_BT
ANT
GND
VCC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com