Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 21 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 21 Page - RMT Ltd.

Back Button HTX Datasheet HTML 17Page - RMT Ltd. HTX Datasheet HTML 18Page - RMT Ltd. HTX Datasheet HTML 19Page - RMT Ltd. HTX Datasheet HTML 20Page - RMT Ltd. HTX Datasheet HTML 21Page - RMT Ltd. HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 21 of 36
All the HTX Heat Flux Sensors can be used bi-directionally. If the direction
of the heat flux is reversed, the sign of the Sensor voltage output changes
(i.e. from positive to negative). Since the sensitivity of the Sensor does not
depend on the direction of the heat flux, the measurement of the reversed
heat flux has the same accuracy.
Table 8.1: Heat flux resolution of Heat Flux Sensors of HTX series at
different voltmeter resolution (1 mV and 1 V)
Sensor type
Sensitivity,
mV/(W/m
2)
Heat flux resolution W/m
2
Voltmeter
1mV
VoltmeterV
HTD04-059-08D12
50
20
0,020
HTD04-127-05D16
70
14
0,014
HTC04-126-05D20
100
10
0,010
HTC06-126-08D25
110
9
0,009
HTC06-126-08D30
130
8
0,008
HTC06-284-08D40
265
4
0,004
However, on some voltmeters the measurement of negative voltages may
not be possible or may be less accurate than the measurement of positive
voltages. Further information about the positive and negative sides of the
Sensors can be found in Section 4.
Applicability
Voltmeters are compatible with all the HTX Heat Flux Sensors without a
plug.
7.3 Ohmmeter as a read-out device of temperature
The Heat Flux Sensors of the HTX series have integrated Pt thermistors
which measure average temperature.
The thermistor is useful for experiments where it is necessary to measure
temperature simultaneously with heat flux measurements. And the
measured temperature allows making temperature corrections of Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com