Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 30 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 30 Page - RMT Ltd.

Back Button HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. HTX Datasheet HTML 31Page - RMT Ltd. HTX Datasheet HTML 32Page - RMT Ltd. HTX Datasheet HTML 33Page - RMT Ltd. HTX Datasheet HTML 34Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 30 of 36
9.3 Equipment
Use the series of Z-Meters made by RMT for measurement of Figure-of-
Merit and ACR resistance of thermoelectric Heat Flux Sensor. You can also
use the Datalogger DX8140 series developed for the HTX, HFX series of
Heat Flux Sensors.
9.4 Example
Heat Flux Sensor type HDT04-059-08D12 was obtained with Specification
where were listed the following:
Diameter
- 12 mm
Number of pellet pairs - 59
Seebeck coefficient,  - 405 (at 300K), V/K
The measurements of thermoelectric performance parameters according
to
the
scheme
in
Fig
10.1
with
use
of
Z-Meter
DX4090
(http://rmtltd.ru/products/devices/testers/zmeters/) gives the following:
Figure-of-Merit , Z
- 1.9x10
-3, K-1
ACR
- 5.8 Ohm
Both are referred to T0=300K.
According to formulas (10.3) and (10.4)
�������� =
1
���� × ����
���� × ������������ =
1.9 × 10−3 × 5.8
405 × 10−6 × 59
= 0.461 ����/����
�������� = �������� × ���� = 0.461 ×
���� × 122 × 10−6
4
= 52.1 ��������/����
The calibration results are close to the Sensor standard Specification
(Chapter 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com