Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 25 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 25 Page - RMT Ltd.

Back Button HTX Datasheet HTML 21Page - RMT Ltd. HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 25 of 36
Sensor series
A0
A1
A2
dS/dT, %
Ta, K
HTX
1
1,937E-03
-1,634E-05
0,20
300
HFX
1
2,299E-03
-2,094 E-05
0,25
300
HRX
1
2,299E-03
-2,094 E-05
0,25
300
Temperature range of calibration -40…+80 °С
Common formula
�������� = ��������0 × [(A2 × (���� − ����0 )2 + A1 × (���� − ����0) + A0)]
Thus, to obtain the temperature correction, you need to know average
temperature T of measurement. The Sensors of the HTX series have
atemperature Sensor integrated. You can use a measured value of the
average temperature by the thermistor directly to get temperature
corrections of the Heat Flux Sensor.
If a Heat Flux Sensor without an integrated temperature Sensor is used
(the HFX and HRX series) you need to apply an external temperature
Sensor.
If T is not measured, it can be approximated by the following formula:
���� =
����+ ��������
2
(9.6)
where Th and Tc are the respective temperatures of the hot and the
cold sides of the Sensor.
Typically, the difference between Th and Tc is small. If the Sensor is
mounted onto the hot surface, T is better approximated by T = Th.
Example for calculating
The Sensor type HTD04-126-05D20 was taken for measurements.
The Sensor is mounted on a warm surface and is exposed to air. The
surface has a temperature of 50°C, which is a good approximation for T
(see the last section).
The following Sensor parameters are given in its specification (Chapter 3.
Specifications):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com