Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 27 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 27 Page - RMT Ltd.

Back Button HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. HTX Datasheet HTML 31Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 27 of 36
�������� =
����
�������� × ����(����)
(9.9)
�������� =
����
�������� × ����(����)
(9.10)
Example for heat flux measurement
The same Sensor type HTD04-126-05D20 (the above section) at the
temperature 50°C with a given sensitivity and calculated correction factor
(9.6) measures the following:
Voltage U = 570 μV
Heat flux is the following
�������� =
����
�������� × ����(����)
=
570
100 × 1,036
= 5.5 ����/����2
(9.11)
�������� =
����
�������� × ����(����)
=
570 × 10−6
0.32 × 1,036
= 1.719 × 10−3����
= 1.719 ��������
(9.12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com