Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 5 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 5 Page - RMT Ltd.

  HTX Datasheet HTML 1Page - RMT Ltd. HTX Datasheet HTML 2Page - RMT Ltd. HTX Datasheet HTML 3Page - RMT Ltd. HTX Datasheet HTML 4Page - RMT Ltd. HTX Datasheet HTML 5Page - RMT Ltd. HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 5 of 36
1.
INTRODUCTION
Heat Flux Sensors of HTX series – the series of high sensitive and self-
calibrating Sensors with integrated Pt1000 thermistors.
Features
-
High sensitivity
-
Miniature Design
-
Self-calibrating
-
Integrated thermistor
-
Miniature FET cable and connector
-
A range of customized dimensions
The Sensors are developed as a series of a range of sizes (diameters): 12,
14, 16, 20, 25, 30 and 40 mm. Optional dimensions (size and thickness) as
well as customized performance parameters are available on request.
The Sensors were developed for measurement of conductive, convective
and radiation heat fluxes in a wide range of heat flux intensities. The high
sensitivity of the Sensors of the series provides accurate experiments and
data on objects of investigations.
One of the feature of the Sensors is the self-calibration method (patent
pending RU2014145948 dated 17.11.2014). It means possibility to
calibrate precisely the Sensor by measurement of its thermoelectric
performance parameters. It is not necessary to remove it and send to labs.
The calibration procedure is possible with use of RMT Datalogger of the
DX8140 series, specially developed for thermoelectric Heat Flux Sensors,
or by use of RMT Z-meters. The calibration procedure is described in
Chapter 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com