Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 6 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 6 Page - RMT Ltd.

Back Button HTX Datasheet HTML 2Page - RMT Ltd. HTX Datasheet HTML 3Page - RMT Ltd. HTX Datasheet HTML 4Page - RMT Ltd. HTX Datasheet HTML 5Page - RMT Ltd. HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 6 of 36
2.
SPECIFICATIONS
Product name
HTD
HTD
HTC
HTC
HTC
HTC
04-
059-
08D12
04-
127-
05D16
04-
126-
05D20
06-
126-
08D25
06-
126-
08D30
06-
284-
08D40
Detector
1) Type
Thermoelectric
Surface material
Aluminum, painted black
Protection
2)
IP67
Surface dimensions dia., mm
2
12
16
20
25
30
40
Thickness H, mm
2,4
2,1
3,1
3,4
3,4
3,4
Pellet pairs
59
127
126
126
126
284
Sensitivity Se, V/(W/m
2)
50
70
100
110
130
265
Integral sensitivity Sa, V/W
0,45
0,35
0,32
0,23
0,18
0,21
Heat Flux Range Pe, ±W/m
2
4 500
7 500
5 000
4 500
4 000
4 500
Integral Heat Flux Range Pa,
±W
0,5
1,5
1,6
2,3
2,8
5,5
Thermal Time Constant , s
3,2
3,1
6,8
6,6
7,2
6,8
Thermal Resistance RT,
K/(W/m
2)
2,10E-
03
1,40E-
03
2,00E-
03
2,10E-
03
2,50E-
03
2,30E-
03
Integral Thermal Resistance RT,
K/W
18,6
6,8
6,2
4,4
3,5
1,8
Electrical Resistance ACR, Ohm
5,91
8,03
7,96
5,55
5,55
12,5
Temperature Dependence
3)
dS/dT, %/°C
0,20
0,20
0,20
0,20
0,20
0,20
Linearity with Power dS/dP,
±%/(W/m
2)
0,04%
0,03%
0,04%
0,04%
0,05%
0,04%
Homogeneity dS/dA, ±%
1
1
1
1
1
1
Calibration Accuracy, ±%
3
3
3
3
3
3
Thermistor
Pt1000 (1%, 0,375%/°C)
Calibration Temperature
Range, °C
-40 …
+80
-40 …
+80
-40 …
+80
-40 …
+80
-40 …
+80
-40 …
+80
Operating Temperature Range,
°C
-50 …
+150
-50 …
+150
-50 …
+150
-50 …
+150
-50 …
+150
-50 …
+150
Max. compressive Force for
clamping, kg
19
41
41
91
91
204
Cable
4) Length L, cm
180
180
180
180
180
180
Connector
5)
FMC 0,5/6-ST-2,54-18211355
Notes:
1.
Performance parameters shown in specifications are given for ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com