Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 26 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 26 Page - RMT Ltd.

Back Button HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 26 of 36
Se = 100 μV/(W/m
2)
Sa = 0.32 V/W
dS/dT=0.2%/°C
To = 27°C
The temperature correction factors are the following:
-
With use of averaged dS/dT (=0.2%/°C)
����(����) = 1 +
∂S
∂T
× (���� − ����0) = 1 + 0.2 × (50 − 27) = 1 + 4.6%
= 1,046
(9.7)
-
More precise correction by polynomial expression (9.2) with given
coefficients (table 9.1) gives the following:
����(����) = [(A2 × (���� − ����0 )2 + A1 × (���� − ����0) + A0)]
= [−1,634 × 10−5 × 232 + 1,937 × 10−3 × 23
+ 1] = [−0.00864386 + 0.04455 + 1] = 1,036
(9.8)
The polynomial expression gives a more precise correction factor which is
slightly differing from the rough averaged value.
Thus, if possible, we recommend using the Polynomial expression rather
than an averaged value given in the Specification only as a indicator value.
But for rough estimations the averaged value
∂S
∂T
is quite enough.
8.2 Heat flux measurements
The DX8140 Datalogger, a voltmeter, or a third party read-out device
measures and stores (Datalogger) an analog output in voltage units U (V,
mV, V) .
The heat flux P is calculated with use of sensitivity and calculated
correction factor (theabove section) F(T). Depending on the sensitivity
units V/(W/m
2) (Se) or V/W (Sa) the density of heat flux W/m2 (Ps) or
total heat flux W (Sa) will be calculated as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com