Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX Datasheet(PDF) 22 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 22 Page - RMT Ltd.

Back Button HTX Datasheet HTML 18Page - RMT Ltd. HTX Datasheet HTML 19Page - RMT Ltd. HTX Datasheet HTML 20Page - RMT Ltd. HTX Datasheet HTML 21Page - RMT Ltd. HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 22 of 36
performance parameters which are temperature sensitive. Temperature
dependences of the parameters are given in the Sensor Specifications.
Selecting a suitable Ohmmeter it is necessary to take into account the
following:
-
Operating current of the measurement must be low to prevent self-
heating of the Pt1000 thermistor. The self-heating of the
thermistor distorts results of heat flux measurements by the
Sensor.
We recommend using Ohmmeter with operating current less than
10 A.
-
Resolution of the Ohmmeter must be enough for accurate
temperature measurements.
The Pt1000 thermistor has 0.375%/K temperature dependence.
Thus to measure average temperature with accuracy 0.5 °C, you
need Ohmmeter resolution at least 0.1 Ohm.
We recommend using Ohmmeter with resolution of 0.01 Ohm.
7.4 Third party read-out device
A data logger is highly recommended for the measurement of time-
dependent variations of the Sensor signal. For the choice of a suitable
device, apply the same considerations as for the voltmeter.
Applicability
Third party read-out devices are compatible with all the HTX Heat Flux
Sensors without a plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com