Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NJG1520PE1
- 13 -
nTYPICAL CHARACTERISTICS (1.5GHz Band: Measured on the PCB evaluation circuit)
15.0
20.0
25.0
30.0
-50
0
50
100
P
-1dB
VS. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(RX-ANT1, f=1501MHz, V
SS
=0V)
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
Loss vs. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(TX-ANT1, Pin=30dBm, f=1453MHz, V
SS
=-2.5V)
25.0
30.0
35.0
40.0
45.0
-50
0
50
100
RX Isolation vs. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(TX-ANT1, Pin=30dBm, f=1453MHz, V
SS
=-2.5V)
30.0
35.0
40.0
45.0
-50
0
50
100
P
-0.5dB
vs. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(Tx-Ant1, f=1453MHz, V
SS
=-2.5V)
-75.0
-70.0
-65.0
-60.0
-50
0
50
100
ACP(offset:50kHz) vs. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(TX-ANT1, Pin=30dBm, f=1453MHz, V
SS
=-2.5V)
0.2
0.4
0.6
0.8
1.0
1.2
-50
0
50
100
Loss vs. Ambient Temperature
V
DD
=3.5V
V
DD
=3.0V
V
DD
=2.7V
Ambient Temperature (
o C )
(RX-ANT1, Pin=10dBm, f=1501MHz, V
SS
=0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com