Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 12 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 12 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 16Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
NJG1520PE1
- 12-
nTYPICAL CHARACTERISTICS (1.5GHz Band: Measured on the PCB evaluation circuit)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
15
20
25
30
35
Input Power (dBm)
Insertion Loss vs. Input Power
(RX-ANT1, f=1501MHz, V
DD
=3.5V, V
SS
=0V)
-80
-75
-70
-65
-60
-55
-50
-45
15
20
25
30
35
Input Power (dBm)
ACP vs. Input Power
(TX-ANT1, f=1453MHz, V
DD
=3.5V, V
SS
=-2.5V)
50kHz offset
100kHz offset
0.0
0.5
1.0
1.5
15
20
25
30
35
40
Input Power (dBm)
Insertion Loss vs. Input Power
(TX-ANT1, f=1453MHz, V
DD
=3.5V, V
SS
=-2.5V)
-80
-75
-70
-65
-60
-55
2.7
2.9
3.1
3.3
3.5
V
DD
(V)
ACP vs. V
DD
(TX-ANT1, f=1453MHz, Pin=30dBm, V
SS
=-2.5V)
50kHz offset
100kHz offset
15
20
25
30
35
40
0
20
40
60
80
100
15
20
25
30
35
40
Input Power (dBm)
Output Power, I
DD
vs. Input Power
(TX-ANT1, f=1453MHz, V
DD
=3.5V, V
SS
=-2.5V)
P
=36.9dBm
-0.5dB
5
10
15
20
25
30
0
2
4
6
8
10
5
10
15
20
25
30
Input Power (dBm)
Output Power, I
DD
vs. Input Power
(RX-ANT1, f=1501MHz, V
DD
=3.5V, V
SS
=0V)
P
=26.2dBm
-1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com