Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NJG1520PE1
- 7 -
nTERMINAL INFORMATION
PIN No.
SYMBOL
DESCRIPTION
1
VSS
Negative voltage supply terminal. Please supply negative voltage of -3.5~-2.0V
on transmitting state. On receiving state, this terminal is internally disconnected,
so the voltage of this terminal(negative, short, or open) does not affect to
receiving signal quality. The bypass capacitor should be connected between this
terminal and GND for excellent RF performance.
2
CTL3
High-impedance C-MOS input terminal. This terminal is set to High-Level
(+2V~VDD) or Low-Level (+0.6V~0V). If the voltage level of this terminal is
unstable, please connect a resistor (100K
Ω) with GND terminal or V
DD terminal.
3
CTL2
High-impedance C-MOS input terminal. This terminal is set to High-Level
(+2V~VDD) or Low-Level (+0.6V~0V). If the voltage level of this terminal is
unstable, please connect a resistor (100K
Ω) with GND terminal or V
DD terminal.
5
CTL1
High-impedance C-MOS input terminal. This terminal is set to High-Level
(+2V~VDD) or Low-Level (+0.6V~0V). If the voltage level of this terminal is
unstable, please connect a resistor (100K
Ω) with GND terminal or V
DD terminal.
6
VDD
Positive voltage supply terminal. The positive voltage (+2.7~+5.0V) have to be
supplied. Please connect a bypass capacitor with GND terminal for excellent RF
performance.
10
TER1
ANT2 termination port. Please connect this port and GND by appropriate
capacitor (5pF) to suppress the interference of ANT2 port signal to ANT1 port.
The capacitor works as DC voltage (VDD) blocking.
12
RX
RF receiving port. An external capacitor (56pF~100pF) is required to block DC
voltage (VDD) .
14
ANT1
RF transmitting/receiving port. An external capacitor (56pF~100pF) is required to
block DC voltage (VDD) .
16
ANT2
RF receiving port. An external capacitor (56pF~100pF) is required to block DC
voltage (VDD).
17
TER2
ANT2 termination port. Please connect this port and GND by appropriate
capacitor (10pF) to suppress the interference of ANT1 port signal to ANT2 port.
The capacitor works as DC voltage (VDD) blocking.
19
TX
RF transmitting port. An external capacitor of 56pF~100pF is required to block
DC voltage (VDD).
21
EXT1
RF transmitting/receiving port. An external capacitor of 56pF~100pF is required
to block DC voltage (VDD).
23
EXT2
RF receiving port. An external capacitor of 56pF~100pF is required to block DC
voltage (VDD).
4, 7, 8, 9,
11, 13, 15,
18, 20, 22,
24
GND
Ground terminal. Please connect this terminal with ground plane as close as
possible for excellent RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com