Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NJG1520PE1
- 16-
Board total Loss (Capacitor, Connector, and PCB)
Pass route
800MHz Band
(dB)
1.5GHz Band
(dB)
TX-ANT1
TX-EXT1
0.23
0.30
RX-ANT1
RX-ANT2
RX-EXT1
RX-EXT2
0.22
0.30
nRECOMMENDED PCB DESIGN
VALUE
800MHz Band
1.5GHz Band
COMMENT
R1-R3
100K
Ω
C1, C2
1000pF
MURATA(GRM36)
C4, C5, C7, C8
56pF
MURATA(GRM36)
C3
16pF
7pF
MURATA(GRM36)
C6
22pF
9pF
MURATA(GRM36)
C9
10pF
MURATA(GRM36)
C10
5pF
MURATA(GRM36)
L1
15nH
6.8nH
TAIYO-YUDEN(HK1005)
L2
22nH
8.2nH
TAIYO-YUDEN(HK1005)
PRECAUTIONS
[1] The bypass capacitors should be connected to the VDD, VSS terminals as close as possible
respectively.
[2] For good RF performance, the ground terminals should be directly connected to the ground
patterns and through-holes as close as possible by using relativity wide pattern.
PCB: FR-4, t= 0.2mm
Strip width: 0.4mm
PARTS LIST
EXT1
EXT2
TX
ANT2
ANT1
RX
R3
R2
R1
VSS
CTL3
CTL2
CTL1
VDD
GND
C1 C10
C3
C4
L1
C5
C9
L2
C6
C7
C8
C2
NJG
1520PE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com