Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 17 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 17 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NJG1520PE1
- 17 -
nPACKAGE OUTLINE (FFP24-E1)
UNITS
: mm
PCB
: Ceramic
OVER COAT
: Epoxy resin
LEAD SURFACE
: Au
WEIGHT
: 30mg
Cautions on using this product
This product contains Gallium-Arsenide (GaAs) which is a harmful material.
• Do NOT eat or put into mouth.
• Do NOT dispose in fire or break up this product.
• Do NOT chemically make gas or powder with this product.
• To waste this product, please obey the relating law of your country.
This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
0.365
0.27
0.20
2pin INDEX
1pin INDEX
0.85±0.15
0.254±0.1
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com