Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 15 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 15 Page - New Japan Radio

Back Button NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NJG1520PE1
- 15 -
nRECOMMENDED CIRCUIT (TX-ANT1 PASSING)
6
7
8
9
10
11
13
12
14
15
16
17
19
18
20
21
22
23
24
1
2
3
4
5
ANT-SW
DECORDER
R1(*)
100k
Ω
R2(*)
100k
Ω
R3(*)
100k
Ω
0V/3V
0V/3V
0V/3V
CTL1
CTL2
CTL3
C1
1000pF
3.5V
C2
1000pF
-2.5V
VDD
RX
C10
5pF
C3
C4
56pF
L1
(TER1)
ANT1
C9
10pF
(TER2)
EXT1
C8
56pF
EXT2
VSS
50
Ω
50
Ω
50
Ω
50
Ω
C5
56pF
ANT2
50
Ω
TX
C6
L2
50
Ω
C7
56pF
C6
22pF(800MHz)
9pF(1.5GHz)
L2
22nH(800MHz)
8.2nH(1.5GHz)
C3
16pF(800MHz)
7pF(1.5GHz)
L1
15nH(800MHz)
6.8nH(1.5GHz)
(*) If the voltage level of CTL1~CTL3 is unstable, please connect R1~R3 with GND or VDD respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com