Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1520PE1R1-R3 Datasheet HTML 1Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NJG1520PE1
- 3 -
nELECTRICAL CHARACTRISTICS 2 [800MHz TX Mode]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 1
fin1
885
-
960
MHz
TX-ANT1 Insertion Loss
LOSS1
Pin=30dBm
-
0.45
0.60
dB
TX-EXT1 Insertion Loss
LOSS2
Pin=30dBm
-
0.50
0.65
dB
TX-RX Isolation
ISL1
Pin=30dBm
TX-ANT1, TX-EXT1 passing
24
29
-
dB
TX-ANT1 Isolation
ISL2
Pin=30dBm
TX-EXT1 passing
22
27
-
dB
TX-ANT2 Isolation
ISL3
Pin=30dBm
TX-ANT1, TX-EXT1 passing
20
25
-
dB
TX-EXT1 Isolation
ISL4
Pin=30dBm
TX-ANT1 passing
20
25
-
dB
TX-EXT2 Isolation
ISL5
Pin=30dBm
TX-ANT1,TX-EXT1 passing
32
37
-
dB
Input Power at
0.5dB Compression 1
P-0.5(1)
TX-ANT1,TX-EXT1 passing
33.5
35.5
-
dBm
Adjacent Channel
Leakage Power 1
ACP1
PDC Standard, ±50kHz offset
Pin=30dBm
Input Signal ACP=-64dBc @ 30dBm
-
-63
-60
dBc
Adjacent Channel
Leakage Power 2
ACP2
PDC Standard, ±100kHz offset
Pin=30dBm
Input Signal ACP=-76dBc @ 30dBm
-
-74
-70
dBc
2nd Harmonics 1
2f0(1)
Pin=30dBm
Input Signal 2nd Harmonics=-70dBc
-
-65
-63
dBc
3rd Harmonics 1
3f0(1)
Pin=30dBm
Input Signal 3rd Harmonics=-100dBc
-
-64
-62
dBc
VSWR 1
VSWR1
TX-ANT1, TX-EXT1 passing
-
1.2
1.5
Switching Time 1
TD1
CTL1~3
-
120
500
nsec
Ta=+25°C,VDD=3.5V,VSS=-2.5V, fin=940MHz
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1: grounded by 5pF capacitor, TER2: grounded by 10pF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com