Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1520PE1R1-R3 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1520PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1R1-R3 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1520PE1R1-R3 Datasheet HTML 1Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1520PE1R1-R3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NJG1520PE1
- 1 -
TDMA ANTENNA SWITCH GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1520PE1 is an antenna switch IC for a digital cellular
phone of 800MHz and 1.5GHz band.
The parallel control signals of three bits connect T/R circuits
to internal two antennas or external two antennas.
The termination ports with external matching circuits make
low interference between diversity antennas.
The Ultra small & thin FFP24-E1 package is applied.
nFEATURES
lLow voltage operation
-2.5V (TX only) and +3.5V
lLow current consumption
10uA typ. (TX Mode, Pin=30dBm), 2uA typ. (RX Mode, No RF Signal)
lLow insertion loss
0.45dB typ. @(TX-ANT1, TX-EXT1) fin=940MHz, Pin=30dBm
0.55dB typ. @(TX-ANT1, TX-EXT1) fin=1453MHz, Pin=30dBm
lLow Adjacent Channel
-63dBc typ. @ VDD=+3.5V, VSS=-2.5V, fin=940MHz, Pin=30dBm
Leakage Power
-64dBc typ. @VDD=+3.5V, VSS=-2.5V, fin=1453MHz, Pin=30dBm
lUltra small & thin package
FFP24-E1 (Mount Size: 3.5x3.5x0.85mm)
nPIN CONFIGURATION
Pin Connection
1. VSS
2. CTL3
3. CTL2
4. GND
5. CTL1
6. VDD
7. GND
8. GND
9. GND
10. TER1
11. GND
12. RX
13. GND
14. ANT1
15. GND
16. ANT2
17. TER2
18. GND
19. TX
20. GND
21. EXT1
22. GND
23. EXT2
24. GND
FFP24 Type
(Top View)
6
7
8
9
10
11
13
12
14
15
16
17
19
18
20
21
22
23
24
1
2
3
4
5
ANT-SW
DECORDER
NJG1520PE1


Similar Part No. - NJG1520PE1R1-R3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C1 NJRC-NJG1521PE1-C1 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C10 NJRC-NJG1521PE1-C10 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C2 NJRC-NJG1521PE1-C2 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C3 NJRC-NJG1521PE1-C3 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1520PE1R1-R3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
800MHz TDMA FRONT-END GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
2x2 Antenna SWITCH GaAs MMIC
NJG1542HB3 NJRC-NJG1542HB3 Datasheet
147Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
DP7T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
SP9T ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
SP10T ANTENNA SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com