Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 12Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 13Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 14Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 15Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 16Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NJG1704KC1
- 14 -
nTEST CIRCUIT
800MHz BAND
Lower
LOCAL
PART
ID
f
LO=690MHz
f
IF=130MHz
COMMENT
L1
22nH
TAIYO-YUDEN (HK1005)
L2
22nH
TAIYO-YUDEN (HK1608)
L3
47nH
TAIYO-YUDEN (HK1005)
L4
18nH
TAIYO-YUDEN (HK1005)
L5
15nH
TAIYO-YUDEN (HK1005)
L6
4.7nH
TAIYO-YUDEN (HK1005)
L7
100nH
TAIYO-YUDEN (HK1608)
L8
56nH
TAIYO-YUDEN (HK1005)
L9
27nH
TAIYO-YUDEN (HK1005)
L10
39nH
TAIYO-YUDEN (HK1005)
C1
470pF
MURATA (GRM36)
C2
4pF
MURATA (GRM36)
C3
1000pF
MURATA (GRM36)
C4
1pF
MURATA (GRM36)
C5
9pF
MURATA (GRM36)
C6
1000pF
MURATA (GRM36)
C7
1000pF
MURATA (GRM36)
C8
100pF
MURATA (GRM36)
C9
1000pF
MURATA (GRM36)
R1
39
Ω
1005 Size
PARTS LIST
V
LO
6
7
8
9
10
1
2
3
4
5
L1
L2
C1
L4
C2
L5
L6
L9
C4
L7
L8
C5
C7
C8
C9
L10
R1
RF IN
V
LNA
Zo=50
Ω
LNA
Zo=50
Ω
Zo=50
Ω
V
MIX
C3
C6
L3
MIXER
RF OUT
Zo=50
Ω
Zo=50
Ω
LOCAL
AMPLIFIER
MIXER IN
LOCAL IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com