Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJG1704KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NJG1704KC1
- 8 -
nTYPICAL CHARACTERISTICS (MIXER, f
LO=690MHz,with test circuit)
-100
-80
-60
-40
-20
0
20
-40
-30
-20
-10
0
10
RF Power (dBm)
IF,IM3 vs. RF Power
IF
IM3
Condition
f
IF=130MHz
f
RF1=820.0MHz
f
RF2=820.1MHz
f
LO=690MHz, PLO=-10dBm
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF=820MHz, PRF=-30dBm
f
LO=690MHz, PLO=-10dBm
Condition
f
IF=130MHz
f
RF1=820.0MHz, PRF=-30dBm
f
RF2=820.1MHz
f
LO=690MHz, PLO=-10dBm
OIP3
=
3
x IF-IM3
2
IIP3
=OIP3-Gc
@ P
RF =-30dBm
Condition
f
IF=130MHz
f
RF=820MHz
f
LO=690MHz, PLO=-10dBm
V
MIX=VLO=2.7V
10
11
12
13
14
15
2
4
6
8
10
12
2.5
3
3.5
4
4.5
V
MIX
,V
LO
(V)
Conversion Gain,Noise Figure
vs. V
MIX
,V
LO
NF
Gain
13
14
15
16
17
18
-2
-1
0
1
2
3
2.5
3
3.5
4
4.5
V
MIX
,V
LO
(V)
OIP3,IIP3 vs. V
MIX
,V
LO
IIP3
OIP3
-30
-25
-20
-15
-10
-5
0
5
-40
-35
-30
-25
-20
-15
-10
-5
0
RF Power (dBm)
IF Output Power vs. RF Power
IIP3
0.8dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com