Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1704KC1-R1 Datasheet HTML 1Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 2Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NJG1704KC1
- 4 -
nTYPICAL CHARACTERISTICS (LNA,f
LO=690MHz,with test circuit)
-15
-10
-5
0
5
10
-30
-25
-20
-15
-10
-5
0
Pin (dBm)
Pout vs. Pin
(V
LNA
=2.7V,f=820MHz)
12
13
14
15
16
17
18
19
0.5
1
1.5
2
2.5
3
3.5
4
780
800
820
840
860
880
900
920
Frequency (MHz)
Gain,Noise Figure vs. Frequency
(V
LNA
=2.7V)
Gain
NF
2.8
2.9
3
3.1
3.2
3.3
2.5
3
3.5
4
4.5
V
LNA
(V)
I
LNA
vs. V
LNA
-8
-6
-4
-2
0
2
4
6
8
2.5
3
3.5
4
4.5
V
LNA
(V)
P-1dB vs. V
LNA
(f=820MHz)
14
14.5
15
15.5
16
16.5
17
1
1.5
2
2.5
3
3.5
4
4.5
V
LNA
(V)
Gain,Noise Figure vs. V
LNA
(f=820MHz)
NF
Gain
-100
-80
-60
-40
-20
0
20
-40
-35
-30
-25
-20
-15
-10
-5
0
Pin (dBm)
Pout,IM3 vs. Pin
(V
LNA
=2.7V,f=820.0+820.1MHz)
Pout
IM3
IIP3
-3.6dBm
P-1dB
-1.1dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com