Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 12Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 13Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 14Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 15Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 16Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NJG1704KC1
- 16 -
nMEASURING BLOCK DIAGRAM
SG
(RF)
Spectrum
Analyzer
SG
(LO)
V
MIX=VLO=2.7V
IF OUT
LOCAL IN
MIXER IN
DUT
Conversion Gain Measuring Block Diagram
Noise
Source
BPF
6dB
ATT.
SG
(LO)
BPF
NF
Meter
V
MIX=VLO=2.7V
Noise Figure Measuring Block Diagram
DUT
SG
(RF1)
SG
(RF2)
Power
Comb.
Spectrum
Analyzer
SG
(LO)
V
MIX=VLO=2.7V
DUT
IF,IM3 Measuring Block Diagram
IF OUT
LOCAL IN
MIXER IN
IF OUT
LOCAL IN
MIXER IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com