Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1704KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NJG1704KC1
- 7 -
nTYPICAL CHARACTERISTICS (MIXER, f
LO=690MHz,with test circuit)
Condition
f
IF=130MHz
f
RF=820MHz, PRF=-30dBm
f
LO=690MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF1=820.0MHz, PRF=-30dBm
f
RF2=820.1MHz
f
LO=690MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
P
RF=-30dBm
P
LO=-10dBm
V
MIX=VLO=2.7V
Lower Local
OIP3
=
3
x IF-IM3
2
IIP3
=OIP3-Gc
@ P
RF =-30dBm
6
8
10
12
14
16
18
3
4
5
6
7
8
9
800
820
840
860
880
900
RF Frequency (MHz)
Conversion Gain,Noise Figure
vs. RF Frequency
Gc
NF
2
4
6
8
10
12
14
16
2
4
6
8
10
12
14
16
-40
-30
-20
-10
0
10
Local Power (dBm)
Conversion Gain,Noise Figure
vs. Local Power
NF
Gc
-10
-5
0
5
10
15
20
-25
-20
-15
-10
-5
0
5
-40
-30
-20
-10
0
10
Local Power (dBm)
OIP3,IIP3 vs. Local Power
IIP3
OIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com