Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1704KC1-R1 Datasheet HTML 1Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 2Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NJG1704KC1
- 2 -
nABSOLUTE MAXIMUM RATINGS
(T
a=+25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
LNA Voltage
V
LNA
5.0
V
Mixer Voltage
V
MIX
5.0
V
LOCAL Amplifier Voltage
V
LO
5.0
V
Input Power 1
P
LNAIN
V
LNA=VMIX=VLO=2.7V
+15
dBm
Input Power 2
P
LOIN
V
LNA=VMIX=VLO=2.7V
+10
dBm
Power Dissipation
P
D
550
mW
Operating Temperature
T
opr
-40~+85
°C
Storage Temperature
T
stg
-55~+125
°C
nELECTRICAL CHARACTERISTICS 1 (LNA)
GENERAL CONDITIONS: T
a=+25°C, VLNA=2.7V, VMIX=VLO=0V, fRF=820MHz
P
RF=-36dBm, Zs=Zl=50Ω, with test circuit
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
800
820
900
MHz
LNA Voltage
V
LNA
2.5
2.7
4.5
V
LNA Operating Current
I
LNA
P
RF, PLO=OFF
-
3.1
3.7
mA
Small Signal Gain
Gain
15.0
16.5
18.0
dB
Gain Flatness
G
flat
f
RF=810~885MHz
-
0.5
1.0
dB
Noise Figure
NF
-
1.4
1.6
dB
Pout at 1dB Gain
Compression point
P
-1dB
-3.0
-1.0
-
dBm
Input 3rd Order Intercept
point
IIP3
f
RF=820.0+820.1MHz
-10.0
-4.0
-
dBm
RF IN VSWR
VSWR
i
-
1.6
2.0
RF OUT VSWR
VSWR
o
-
1.5
2.0
nELECTRICAL CHARACTERISTICS 2 (Mixer)
GENERAL CONDITIONS: T
a=+25°C, VLNA=0V, VMIX=VLO=2.7V, fRF=820MHz, fLO=690MHz
P
RF=-30dBm, PLO=-10dBm, Zs=Zl=50Ω, with test circuit
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
800
820
900
MHz
Mixer Voltage
V
MIX
2.5
2.7
4.5
V
Local Amplifier Voltage
V
LO
2.5
2.7
4.5
V
Mixer Operating Current
I
MIX
P
RF, PLO=OFF
-
5.0
6.3
mA
Local Amplifier Operating
Current
I
LO
P
RF, PLO=OFF
-
1.0
1.2
mA
Conversion Gain
G
c
11.0
12.5
-
dB
Noise Figure
NF
-
5.0
7.0
dB
Input 3rd Order Intercept
Point
IIP3
f
RF=820.0+820.1MHz
-
+1.0
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com