Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 11Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 12Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 13Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 14Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 15Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 16Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NJG1704KC1
- 13 -
nTYPICAL CHARACTERISTICS (LNA+MIXER, f
LO=690MHz,with test circuit)
RF OUT
Port 1
IF OUT
M.N
M.N.
M.N.
M.N.
M.N.
MIXER IN
RF IN
LOCAL IN
50
Ω
Port 2
Condition
V
LNA=2.7V
V
MIX=VLO=2.7V
P
LO=-10dBm
Port1: LOCAL IN
Port2: IF OUT
Condition
V
LNA=2.7V
V
MIX=VLO=2.7V
P
LO=-10dBm
Port1: LOCAL IN
Port2: RF IN
RF OUT
Port 1
IF OUT
M.N
M.N.
M.N.
M.N.
M.N.
MIXER IN
RF IN
LOCAL IN
Port 2
50
Ω
-30
-25
-20
-15
-10
-5
0
660
680
700
720
740
760
780
Local Frequency (MHz)
LOCAL IN to IF OUT Isolation
vs. Local Frequency
-60
-50
-40
-30
-20
-10
0
660
680
700
720
740
760
780
Local Frequency (MHz)
LOCAL IN to RF IN Isolation
vs. Local Frequency
RF OUT –MIXER IN
Coaxial Cable
Z0=50 ohm,L=260 mm
RF OUT –MIXER IN
Coaxial Cable
Z0=50 ohm,L=260 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com