Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704KC1-R1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1704KC1-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-R1 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1704KC1-R1 Datasheet HTML 1Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 2Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 3Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 4Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NJG1704KC1
- 5 -
nTYPICAL CHARACTERISTICS (LNA, f
LO=690MHz,with test circuit)
The value of OIP3 and IIP3 shown in
typical characteristics are calculated
OIP3=
3 x Pout-IM3
2
IIP3=OIP3-Gain @Pin=-36dBm
4
6
8
10
12
14
16
18
20
-8
-6
-4
-2
0
2
4
6
8
2.5
3
3.5
4
4.5
V
LNA
(V)
OIP3
IIP3
OIP3,IIP3 vs. V
LNA
(f=820.0+820.1MHz,Pin=-36dBm)
11
12
13
14
15
16
-8
-7
-6
-5
-4
-3
-40
-20
0
20
40
60
80
100
Ambient Temperature (
oC)
OIP3,IIP3 vs. Temperature
(V
LNA
=2.7V,f=820.0+820.1MHz,Pin=-36dBm)
IIP3
OIP3
15
15.5
16
16.5
17
17.5
18
18.5
19
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
-40
-20
0
20
40
60
80
100
Ambient Temperature (
oC)
Gain,I
LNA
vs. Temperature
(V
LNA
=2.7V,f=820MHz)
I
LNA
Gain
0
0.5
1
1.5
2
2.5
3
-6
-5
-4
-3
-2
-1
0
-40
-20
0
20
40
60
80
100
Ambient Temperature (
oC)
Noise Figure,P-1dB vs. Temperature
(V
LNA
=2.7V,f=820MHz)
P-1dB
NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com