Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices RFSW6124 Datasheet HTML 10Page - RF Micro Devices RFSW6124 Datasheet HTML 11Page - RF Micro Devices RFSW6124 Datasheet HTML 12Page - RF Micro Devices RFSW6124 Datasheet HTML 13Page - RF Micro Devices RFSW6124 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Name
Description
1
Vdd
Supply Voltage
2
Vctl
Logic Control Input
3
RFC
RF Common Port - external DC block required
4
NC
No Internal Connection
5
Ven
Enable Control Input
6
NC
No Internal Connection
7
NC
No Internal Connection
8
NC
No Internal Connection
9
RF1
RF Port 1 - external DC block required
10
NC
No Internal Connection
11
NC
No Internal Connection
12
RF2
RF Port 2 - external DC block required
13
NC
No Internal Connection
14
NC
No Internal Connection
15
NC
No Internal Connection
16
NC
No Internal Connection
EPAD
GND
RF & DC Ground. Must be soldered to EVB ground plane over a bed of vias.
Note: RFMD recommends that the NC pins be grounded on the EVB to maximize isolation.
Truth Table
Control Input
Signal Path State
Vctl
Ven
RFC-RF1
RFC-RF2
0
0
OFF
ON
1
0
ON
OFF
0
1
OFF
OFF
1
1
OFF
OFF
"0" = 0V to 0.8V
"1" = 2.0V to VDD
VDD = 3.0V to 5.0V, must be applied for all valid states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com