Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices RFSW6124 Datasheet HTML 10Page - RF Micro Devices RFSW6124 Datasheet HTML 11Page - RF Micro Devices RFSW6124 Datasheet HTML 12Page - RF Micro Devices RFSW6124 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
50MHz to 1000MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
50MHz to 1000MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
CAP, 1000pF, 10%, 50V, X7R, 0402
C1-C3
Murata Electronics
GRM155R71H102KA01D
*Do not place
C4-C6
RES, 0Ω, 0402
R1-R3
Kamaya, Inc.
RMC1/16SJPTH
*Do not place
L1-L3
Switch Evaluation PCB
PCB
Kamaya, Inc.
SW6124-A
CONN, SMA, End Launch, 26.5GHz, 0.068
J1-J3
Gigalane Co, LTD
PSF-S01-008
CONN, HDR, ST. PLRZD, 4-Pin, 0.100”
P1
ITW Pancon
MPSS100-4-C
SPDT RF Switch
U1
RFMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com