Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6124 Datasheet HTML 1Page - RF Micro Devices RFSW6124 Datasheet HTML 2Page - RF Micro Devices RFSW6124 Datasheet HTML 3Page - RF Micro Devices RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Performance
(continued)
Electrical Specifications, TA=25°C, VCRTL=0/+3 VDC,
VDD=+5VDC, 50 system.
Return Loss (RF1/RF2 Off-state)
15
dB
0.4GHz
19
dB
1GHz
20
dB
2GHz
21
dB
3GHz
25
dB
4GHz
35
dB
6GHz
Input IP3
56
dBm
VDD = 3V, 2GHz +12dBm input power per tone, 1MHz tone
spacing
58
dBm
VDD = 5V, 2GHz +12dBm input power per tone, 1MHz tone
spacing
Output IP2
98
dBm
25°C, 5V, 1850MHz
Input 0.1dB Compression Point
26
dBm
VDD = 3V, 2GHz
33
dBm
VDD = 5V, 2GHz
Input 1dB Compression Point
30
dBm
VDD = 3V, 2GHz
35
dBm
VDD = 5V, 2GHz
Switching Speed - TRISE, TFALL
48
200
ns
10/90% RF, reference switch table on page 4
Power Supply
Supply Voltage (VDD)
3.0
5.0
5.25
V
Supply Current (IDD)
0.3
0.5
mA
VDD = 5.0V
Control Current (ICTL, IEN)
0.5
3.0
A
VCTL = 5.0V
Control Voltage (VCTL)
Low, VCTL = 0V to 0.8V
High, VCTL = 2.0V to VDD
V
TLL logic compatible
Notes:
1. Data shown is taken with external coaxial DC blocks.
2. De-embedded EVB through loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com