Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6124 Datasheet HTML 1Page - RF Micro Devices RFSW6124 Datasheet HTML 2Page - RF Micro Devices RFSW6124 Datasheet HTML 3Page - RF Micro Devices RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RFSW6124
Absorptive High Isolation SPDT Switch
50MHz to 6000MHz
The RFSW6124 is a GaAs pHEMT single-pole double-throw (SPDT) switch designed
for use in cellular, 3G, LTE, and other high performance communications systems.
It offers a high isolation symmetric topology with excellent linearity and power han-
dling capability. The design is non-reflective such that RF ports 1 and 2 are termi-
nated in the off-state. The enable pin allows for a terminated "all-off state". The
RFSW6124 is 3V and 5V positive logic compatible.
Features
50MHz to 6000MHz Operation
Symmetric SPDT
Non-Reflective (RF1, RF2)
Terminated All-off State
(RF1, RF2)
High Isolation: 70dB at 2GHz
High IIP3: 58dBm at 5V
3V and 5V Logic Compatible
TTL Logic Compatible
Applications
Cellular, 3G, LTE Infrastructure
WiBro, WiMAx. LTE
Wireless Backhaul
High Performance
Communications Systems
Test Equipment
DS150603
Package: QFN, 16-pin, 4.0mm x 4.0mm
RFSW6124
F9999
RFSW6124SQ
Sample Bag with 25 pieces
RFSW6124SR
7" Reel with 100 pieces
RFSW6124TR13
13" Reel with 2500 pieces
RFSW6124PCK-410 0.4GHz to 6GHz PCBA with 5-piece sample bag


Similar Part No. - RFSW6124

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
SP3T Symmetric Switch, 10MHz to 6000MHz
More results

Similar Description - RFSW6124

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
SPDT Absorptive RF Switch
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com