Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFSW6124 Datasheet HTML 3Page - RF Micro Devices RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices RFSW6124 Datasheet HTML 10Page - RF Micro Devices RFSW6124 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: Over Voltage and Temperature
35
40
45
50
55
60
65
70
75
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
Input IP3 versus RF Frequency over Voltage
(12dBm per Tone, 1MHz Spacing, 25
°C)
RF1 5V
RF2 5V
RF1 3.3V
RF2 3.3V
RF1 3V
RF2 3V
35
40
45
50
55
60
65
70
75
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
Input IP3 versus RF Frequency
over Temperature
(12dBm per Tone, 1MHz Spacing, VDD=5V)
25°C
-40°C
85°C
35
40
45
50
55
60
65
70
75
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
Input IP3 versus RF Frequency
over Temperature
(12dBm per Tone, 1MHz Spacing, VDD=3.3V)
25°C
-40°C
85°C
35
40
45
50
55
60
65
70
75
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
Input IP3 versus RF Frequency
over Temperature
(12dBm per Tone, 1MHz Spacing, VDD=3V)
25°C
-40°C
85°C
20
22
24
26
28
30
32
34
36
38
40
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
1dB Input Compression Point versus RF
Frequency over VDD
(25
°C)
P1dB 3V
P1dB 3.3V
P1dB 5V
20
22
24
26
28
30
32
34
36
38
40
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Frequency (GHz)
0.1dB Input Compression Point versus RF
Frequency over
V
DD
(25
°C)
P0.1dB 3V
P0.1dB 3.3V
P0.1dB 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com