Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSW6124 Datasheet HTML 1Page - RF Micro Devices RFSW6124 Datasheet HTML 2Page - RF Micro Devices RFSW6124 Datasheet HTML 3Page - RF Micro Devices RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Max Operating Power
Absolute Max Power
Input
State
VEN
VDD = 3V, ≤105C VDD = 5V, 85C VDD = 5V, 105C
RFC, RF1/2
On
Low
26dBm
33dBm
33dBm
RFC
Both Off
High
20dBm
27dBm
27dBm
RF1/2
Off
Low or High
20dBm
27dBm
25dBm
Input
State
VEN
VDD = 3V, ≤105C VDD = 5V, 85C VDD = 5V, 105C
RFC, RF1/2
On
Low
32dBm
37dBm
37dBm
RFC
Both Off
High
26dBm
31dBm
31dBm
RF1/2
Off
Low or High
26dBm
31dBm
29dBm
Typical Switch Time versus Temperature
Temp
TF (ns)
TR (ns)
-40°C
21
48.1
O°C
20
48.5
25°C
20
44.3
85°C
19
40.2
Note: 10/90% RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com