Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6124 Datasheet HTML 1Page - RF Micro Devices RFSW6124 Datasheet HTML 2Page - RF Micro Devices RFSW6124 Datasheet HTML 3Page - RF Micro Devices RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL, VEN)
7.0
V
Supply Voltage (VDD)
7.0
V
Maximum CW Input Power for VDD = 3V
Reference the Power Tables on
Page 4
Maximum CW Input Power for VDD = 5V
Operating Temperature Range
-40 to +105
°C
Storage Temperature Range
-40 to +150
°C
Maximum Junction Temperature
+150
°C
ESD Rating - Human Body Model (HBM)
1000
V
Moisture Sensitivity Level
MSL1
2 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Performance
Electrical Specifications, TA=25°C, VCRTL=0/+3 VDC,
VDD=+5VDC, 50 system.
Operating Frequency Range
50
6000
MHz
Insertion Loss2 (RFC to
RF1/RF2)
0.65
1.1
dB
0.4GHz
0.68
1.1
dB
1GHz
0.75
1.1
dB
2GHz
0.88
dB
3GHz
0.93
dB
4GHz
1.04
dB
6GHz
Isolation (RFC to RF1/RF2)
70
dB
0.4GHz
72
dB
1GHz
73
dB
2GHz
60
dB
3GHz
53
dB
4GHz
45
dB
6GHz
Isolation (RF1 to RF2)
65
dB
0.4GHz
60
dB
1GHz
54
dB
2GHz
51
dB
3GHz
48
dB
4GHz
44
dB
6GHz
Return Loss (RF1/RF2 On-state)
24
dB
0.4GHz
21
dB
1GHz
26
dB
2GHz
22
dB
3GHz
20
dB
4GHz
14
dB
6GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com