Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6124 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSW6124
Description  Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6124 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFSW6124 Datasheet HTML 4Page - RF Micro Devices RFSW6124 Datasheet HTML 5Page - RF Micro Devices RFSW6124 Datasheet HTML 6Page - RF Micro Devices RFSW6124 Datasheet HTML 7Page - RF Micro Devices RFSW6124 Datasheet HTML 8Page - RF Micro Devices RFSW6124 Datasheet HTML 9Page - RF Micro Devices RFSW6124 Datasheet HTML 10Page - RF Micro Devices RFSW6124 Datasheet HTML 11Page - RF Micro Devices RFSW6124 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 of 14
RFSW6124
DS150603
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: T=25°C, VDD = 5V unless otherwise noted
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Insertion Loss versus RF Input Power
over RF Frequency
(VDD=5V, 25°C)
50MHz
100MHz
400MHz
750MHz
900MHz
2140MHz
2500MHz
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Insertion Loss versus RF Input Power
over RF Frequency
(VDD=3.3V, 25°C)
50MHz
100MHz
400MHz
750MHz
900MHz
2140MHz
2500MHz
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Insertion Loss vs RF Input Power
over RF Frequency
(VDD=3V, 25°C)
50MHz
100MHz
400MHz
750MHz
900MHz
2140MHz
2500MHz
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
20
22
24
26
28
30
32
34
36
Input Power (dBm0
Insertion Loss versus RF Input Power
over Temperature
(VDD=5V, 0.4GHz)
25°C
-40°C
85°C
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Insertion Loss versus RF Input Power
over Temperature
(VDD=5V, 2.14GHz)
25°C
-40°C
85°C
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0123456
Frequency (GHz)
EVB THRU Performance, 25
°C
IL
RL
This EVB THRU insertion loss data is used
for deembedded Switch Insertion Loss plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com