Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 4Page - Maxim Integrated Products MAX038C/D Datasheet HTML 5Page - Maxim Integrated Products MAX038C/D Datasheet HTML 6Page - Maxim Integrated Products MAX038C/D Datasheet HTML 7Page - Maxim Integrated Products MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products MAX038C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
_______________Detailed Description
The MAX038 is a high-frequency function generator
that produces low-distortion sine, triangle, sawtooth, or
square (pulse) waveforms at frequencies from less than
1Hz to 20MHz or more, using a minimum of external
components. Frequency and duty cycle can be inde-
pendently controlled by programming the current, volt-
age, or resistance. The desired output waveform is
selected under logic control by setting the appropriate
code at the A0 and A1 inputs. A SYNC output and
phase detector are included to simplify designs requir-
ing tracking to an external signal source.
The MAX038 operates with ±5V ±5% power supplies.
The basic oscillator is a relaxation type that operates by
alternately charging and discharging a capacitor, CF,
with constant currents, simultaneously producing a tri-
angle wave and a square wave (Figure 1). The charg-
ing and discharging currents are controlled by the cur-
rent flowing into IIN, and are modulated by the voltages
applied to FADJ and DADJ. The current into IIN can be
varied from 2µA to 750µA, producing more than two
decades of frequency for any value of CF. Applying
±2.4V to FADJ changes the nominal frequency (with
VFADJ = 0V) by ±70%; this procedure can be used for
fine control.
Duty cycle (the percentage of time that the output wave-
form is positive) can be controlled from 10% to 90% by
applying ±2.3V to DADJ. This voltage changes the CF
charging and discharging current ratio while maintaining
nearly constant frequency.
High-Frequency Waveform Generator
8
_______________________________________________________________________________________
MAX038
OSCILLATOR
OSCILLATOR
CURRENT
GENERATOR
2.5V
VOLTAGE
REFERENCE
OSC B
OSC A
TRIANGLE
SINE
SHAPER
COMPARATOR
COMPARATOR
PHASE
DETECTOR
MUX
COSC
GND
5
6
CF
8
7
10
FADJ
DADJ
IIN
REF
1
17
20
2, 9, 11, 18
V+
V-
GND
RF
RD
RIN
+5V
-5V
-250
µA
SINE
TRIANGLE
SQUARE
A0
A1
OUT
SYNC
PDO
PDI
19
14
12
13
RL
CL
3
4
DGND
DV+
15
16
+5V
*
= SIGNAL DIRECTION, NOT POLARITY
= BYPASS CAPACITORS ARE 1
µF CERAMIC OR 1µF ELECTROLYTIC IN PARALLEL WITH 1nF CERAMIC.
*
*
Figure 1. Block Diagram and Basic Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com