Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX038C/D Datasheet HTML 1Page - Maxim Integrated Products MAX038C/D Datasheet HTML 2Page - Maxim Integrated Products MAX038C/D Datasheet HTML 3Page - Maxim Integrated Products MAX038C/D Datasheet HTML 4Page - Maxim Integrated Products MAX038C/D Datasheet HTML 5Page - Maxim Integrated Products MAX038C/D Datasheet HTML 6Page - Maxim Integrated Products MAX038C/D Datasheet HTML 7Page - Maxim Integrated Products MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High-Frequency Waveform Generator
_______________________________________________________________________________________
5
SINE-WAVE OUTPUT (50Hz)
TOP: OUTPUT 50Hz = Fo
BOTTOM: SYNC
IIN = 50µA
CF = 1µF
TRIANGLE-WAVE OUTPUT (50Hz)
TOP: OUTPUT 50Hz = Fo
BOTTOM: SYNC
IIN = 50µA
CF = 1µF
SQUARE-WAVE OUTPUT (50Hz)
TOP: OUTPUT 50Hz = Fo
BOTTOM: SYNC
IIN = 50µA
CF = 1µF
SINE-WAVE OUTPUT (20MHz)
IIN = 400µA
CF = 20pF
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, RL = 1kΩ, CL = 20pF, TA = +25°C, unless
otherwise noted.)
TRIANGLE-WAVE OUTPUT (20MHz)
IIN = 400µA
CF = 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com