Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products MAX038C/D Datasheet HTML 12Page - Maxim Integrated Products MAX038C/D Datasheet HTML 13Page - Maxim Integrated Products MAX038C/D Datasheet HTML 14Page - Maxim Integrated Products MAX038C/D Datasheet HTML 15Page - Maxim Integrated Products MAX038C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
High-Frequency Waveform Generator
______________________________________________________________________________________
15
OUT1
OUT2
RFB
VREF
VDD
MX7541
GND
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
8.192MHz
4.096MHz
2.048MHz
1.024MHz
512kHz
256kHz
128kHz
64kHz
32kHz
16kHz
8kHz
4kHz
2kHz
1kHz
Figure 6. Crystal-Controlled, Digitally Programmed Frequency Synthesizer—8kHz to 16MHz with 1kHz Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com