Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 3Page - Maxim Integrated Products MAX038C/D Datasheet HTML 4Page - Maxim Integrated Products MAX038C/D Datasheet HTML 5Page - Maxim Integrated Products MAX038C/D Datasheet HTML 6Page - Maxim Integrated Products MAX038C/D Datasheet HTML 7Page - Maxim Integrated Products MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Frequency Waveform Generator
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
*
The five GND pins are not internally connected. Connect all five GND pins to a quiet ground close to the device. A ground plane is
recommended (see Layout Considerations).
0
-100
0
20
60
100
OUTPUT SPECTRUM, SINE WAVE
(Fo = 11.5MHz)
-80
-20
FREQUENCY (MHz)
40
80
-40
-60
-10
-30
-50
-70
-90
10
30
50
70
90
RIN = 15kΩ (VIN = 2.5V), CF = 20pF,
VDADJ = 40mV, VFADJ = -3V
0
-100
0
10
30
50
OUTPUT SPECTRUM, SINE WAVE
(Fo = 5.9kHz)
-80
-20
FREQUENCY (kHz)
20
40
-40
-60
-10
-30
-50
-70
-90
5
15
25
35
45
RIN = 51kΩ (VIN = 2.5V), CF = 0.01µF,
VDADJ = 50mV, VFADJ = 0V
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, RL = 1kΩ, CL = 20pF, TA = +25°C, unless
otherwise noted.)
-5V supply input
V-
20
Sine, square, or triangle output
OUT
19
+5V supply input
V+
17
Digital +5V supply input. Can be left open if SYNC is not used.
DV+
16
Digital ground
DGND
15
TTL/CMOS-compatible output, referenced between DGND and DV+. Permits the internal oscillator to be
synchronized with an external signal. Leave open if unused.
SYNC
14
Current input for frequency control
IIN
10
Phase detector output. Connect to GND if phase detector is not used.
PDO
12
Phase detector reference clock input. Connect to GND if phase detector is not used.
PDI
13
External capacitor connection
COSC
5
Duty-cycle adjust input
DADJ
7
Frequency adjust input
FADJ
8
Waveform selection input; TTL/CMOS compatible
A1
4
Waveform selection input; TTL/CMOS compatible
A0
3
PIN
Ground*
GND
2, 6, 9,
11, 18
2.50V bandgap voltage reference output
REF
1
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com