Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 6Page - Maxim Integrated Products MAX038C/D Datasheet HTML 7Page - Maxim Integrated Products MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products MAX038C/D Datasheet HTML 12Page - Maxim Integrated Products MAX038C/D Datasheet HTML 13Page - Maxim Integrated Products MAX038C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
When the MAX038’s frequency is controlled by a volt-
age source (VIN) in series with a fixed resistor (RIN), the
output frequency is a direct function of VIN as shown in
the above equations. Varying VIN modulates the oscilla-
tor frequency. For example, using a 10k
Ω resistor for
RIN and sweeping VIN from 20mV to 7.5V produces
large frequency deviations (up to 375:1). Select RIN so
that IIN stays within the 2µA to 750µA range. The band-
width of the IIN control amplifier, which limits the modu-
lating signal’s highest frequency, is typically 2MHz.
IIN can be used as a summing point to add or subtract
currents from several sources. This allows the output
frequency to be a function of the sum of several vari-
ables. As VIN approaches 0V, the IIN error increases
due to the offset voltage of IIN.
Output frequency will be offset 1% from its final value
for 10 seconds after power-up.
FADJ Input
The output frequency can be modulated by FADJ,
which is intended principally for fine frequency control,
usually inside phase-locked loops. Once the funda-
mental, or center frequency (Fo) is set by IIN, it may be
changed further by setting FADJ to a voltage other than
0V. This voltage can vary from -2.4V to +2.4V, causing
the output frequency to vary from 1.7 to 0.30 times the
value when FADJ is 0V (Fo ±70%). Voltages beyond
±2.4V can cause instability or cause the frequency
change to reverse slope.
The voltage on FADJ required to cause the output to
deviate from Fo by Dx (expressed in %) is given by the
formula:
VFADJ = -0.0343 x Dx
[5]
where VFADJ, the voltage on FADJ, is between
-2.4V and +2.4V.
Note: While IIN is directly proportional to the fundamen-
tal, or center frequency (Fo), VFADJ is linearly related to
% deviation from Fo. VFADJ goes to either side of 0V,
corresponding to plus and minus deviation.
The voltage on FADJ for any frequency is given by the
formula:
VFADJ = (Fo - Fx) ÷ (0.2915 x Fo)
[6]
where:
Fx = output frequency
Fo = frequency when VFADJ = 0V.
Likewise, for period calculations:
VFADJ = 3.43 x (tx - to) ÷ tx
[7]
where:
tx = output period
to = period when VFADJ = 0V.
Conversely, if VFADJ is known, the frequency is given
by:
Fx = Fo x (1 - [0.2915 x VFADJ])
[8]
and the period (tx) is:
tx = to ÷ (1 - [0.2915 x VFADJ])
[9]
Programming FADJ
FADJ has a 250µA constant current sink to V- that must
be furnished by the voltage source. The source is usu-
ally an op-amp output, and the temperature coefficient
of the current sink becomes unimportant. For manual
adjustment of the deviation, a variable resistor can be
used to set VFADJ, but then the 250µA current sink’s
temperature coefficient becomes significant. Since
external resistors cannot match the internal tempera-
ture-coefficient curve, using external resistors to pro-
gram VFADJ is intended only for manual operation,
when the operator can correct for any errors. This
restriction does not apply when VFADJ is a true voltage
source.
A variable resistor, RF, connected between REF (+2.5V)
and FADJ provides a convenient means of manually
setting the frequency deviation. The resistance value
(RF) is:
RF = (VREF - VFADJ) ÷ 250µA
[10]
VREF and VFADJ are signed numbers, so use correct
algebraic convention. For example, if VFADJ is -2.0V
(+58.3% deviation), the formula becomes:
RF = (+2.5V - (-2.0V)) ÷ 250µA
= (4.5V) ÷ 250µA
= 18k
Ω
Disabling FADJ
The FADJ circuit adds a small temperature coefficient
to the output frequency. For critical open-loop applica-
tions, it can be turned off by connecting FADJ to GND
(not REF) through a 12k
Ω resistor (R1 in Figure 2). The
-250µA current sink at FADJ causes -3V to be devel-
oped across this resistor, producing two results. First,
the FADJ circuit remains in its linear region, but discon-
nects itself from the main oscillator, improving tempera-
ture stability. Second, the oscillator frequency doubles.
If FADJ is turned off in this manner, be sure to correct
equations 1-4 and 6-9 above, and 12 and 14 below by
doubling Fo or halving to. Although this method doubles
the normal output frequency, it does not double the
upper frequency limit. Do not operate FADJ open cir-
cuit or with voltages more negative than -3.5V. Doing
so may cause transistor saturation inside the IC, lead-
ing to unwanted changes in frequency and duty cycle.
High-Frequency Waveform Generator
10
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com