Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products MAX038C/D Datasheet HTML 12Page - Maxim Integrated Products MAX038C/D Datasheet HTML 13Page - Maxim Integrated Products MAX038C/D Datasheet HTML 14Page - Maxim Integrated Products MAX038C/D Datasheet HTML 15Page - Maxim Integrated Products MAX038C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
High-Frequency Waveform Generator
14
______________________________________________________________________________________
MAX038
GND
COSC
12
A0
V-
18
11
9
2
6
GND GND
15
DGND
GND GND
5
8
10
7
1
13
3
FADJ
IIN
DADJ
REF
R2
CW
R3
OUT
PDI
PDO
V+
A1
4
17
DV+
16
20
+5V
-5V
-5V
C2
1µF
C1
1µF
CENTER
FREQUENCY
50
Ω
R1
R6
GAIN
R5
OFFSET
R4
PHASE DETECTOR
EXTERNAL
OSC INPUT
C4
CAPTURE
19
RF
OUTPUT
SYNC
14
÷N
C3
FREQUENCY
Figure 4. Phase-Locked Loop Using External Phase Detector
MAX038
GND
COSC
12
A0
V-
18
11
9
2
6
GND GND
15
DGND
GND GND
5
8
10
7
1
13
3
FADJ
IIN
DADJ
REF
R2
CW
R3
OUT
PDI
PDO
V+
A1
4
17
DV+
16
20
+5V
-5V
-5V
C2
1µF
C1
1µF
CENTER
FREQUENCY
50
Ω
R1
R6
GAIN
R5
OFFSET
R4
C4
CAPTURE
19
RF
OUTPUT
SYNC
14
÷N
C3
FREQUENCY
EXTERNAL
OSC INPUT
FREQUENCY PHASE DETECTOR
Figure 5. Phase-Locked Loop Using External Frequency Phase Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com