Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products MAX038C/D Datasheet HTML 10Page - Maxim Integrated Products MAX038C/D Datasheet HTML 11Page - Maxim Integrated Products MAX038C/D Datasheet HTML 12Page - Maxim Integrated Products MAX038C/D Datasheet HTML 13Page - Maxim Integrated Products MAX038C/D Datasheet HTML 14Page - Maxim Integrated Products MAX038C/D Datasheet HTML 15Page - Maxim Integrated Products MAX038C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PDO is a rectangular current-pulse train, alternating
between 0µA and 500µA. It has a 50% duty cycle when
the MAX038 output and PDI are in phase-quadrature
(90° out of phase). The duty cycle approaches 100%
as the phase difference approaches 180° and con-
versely, approaches 0% as the phase difference
approaches 0°. The gain of the phase detector (KD)
can be expressed as:
KD = 0.318 x RPD (volts/radian)
[16]
where RPD = phase-detector gain-setting resistor.
When the loop is in lock, the input signals to the phase
detector are in approximate phase quadrature, the duty
cycle is 50%, and the average current at PDO is 250µA
(the current sink of FADJ). This current is divided
between FADJ and RPD; 250µA always goes into FADJ
and any difference current is developed across RPD,
creating VFADJ (both polarities). For example, as the
phase difference increases, PDO duty cycle increases,
the average current increases, and the voltage on RPD
(and VFADJ) becomes more positive. This in turn
decreases the oscillator frequency, reducing the phase
difference, thus maintaining phase lock. The higher
RPD is, the greater VFADJ is for a given phase differ-
ence; in other words, the greater the loop gain, the less
the capture range. The current from PDO must also
charge CPD, so the rate at which VFADJ changes (the
loop bandwidth) is inversely proportional to CPD.
The phase error (deviation from phase quadrature)
depends on the open-loop gain of the PLL and the ini-
tial frequency deviation of the oscillator from the exter-
nal signal source. The oscillator conversion gain (Ko) is:
KO =
∆ωo ÷ ∆VFADJ
[17]
which, from equation [6] is:
KO = 3.43 x
ωo (radians/sec)
[18]
The loop gain of the PLL system (KV) is:
KV = KD x KO
[19]
where:
KD = detector gain
KO = oscillator gain.
With a loop filter having a response F(s), the open-loop
transfer function, T(s), is:
T(s) = KD x KO x F(s) ÷ s
[20]
Using linear feedback analysis techniques, the closed-
loop transfer characteristic, H(s), can be related to the
open-loop transfer function as follows:
H(s) = T(s) ÷ [1+ T(s)]
[21]
The transient performance and the frequency response
of the PLL depends on the choice of the filter charac-
teristic, F(s).
When the MAX038 internal phase detector is not used,
PDI and PDO should be connected to GND.
External Phase Detectors
External phase detectors may be used instead of the
internal phase detector. The external phase detector
shown in Figure 4 duplicates the action of the MAX038’s
internal phase detector, but the optional ÷N circuit can
be placed between the SYNC output and the phase
detector in applications requiring synchronizing to an
exact multiple of the external oscillator. The resistor net-
work consisting of R4, R5, and R6 sets the sync range,
while capacitor C4 sets the capture range. Note that
this type of phase detector (with or without the ÷N cir-
cuit) locks onto harmonics of the external oscillator as
well as the fundamental. With no external oscillator
input, this circuit can be unpredictable, depending on
the state of the external input DC level.
Figure 4 shows a frequency phase detector that locks
onto only the fundamental of the external oscillator.
With no external oscillator input, the output of the fre-
quency phase detector is a positive DC voltage, and
the oscillations are at the lowest frequency as set by
R4, R5, and R6.
High-Frequency Waveform Generator
______________________________________________________________________________________
13
MAX038
GND
COSC
12
A0
V-
18
11
9
2
6
GND GND
15
DGND
GND GND
5
8
10
7
1
13
3
FADJ
IIN
DADJ
REF
RD
OUT
PDI
PDO
V+
A1
4
17
DV+
16
20
+5V -5V
C2
1µF
C1
1µF
CENTER
FREQUENCY
50
Ω
ROUT
CF
RPD
CPD
19
RF
OUTPUT
SYNC
14
EXTERNAL OSC INPUT
Figure 3. Phase-Locked Loop Using Internal Phase Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com