Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX038C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX038C/D
Description  High-Frequency Waveform Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX038C/D Datasheet HTML 1Page - Maxim Integrated Products MAX038C/D Datasheet HTML 2Page - Maxim Integrated Products MAX038C/D Datasheet HTML 3Page - Maxim Integrated Products MAX038C/D Datasheet HTML 4Page - Maxim Integrated Products MAX038C/D Datasheet HTML 5Page - Maxim Integrated Products MAX038C/D Datasheet HTML 6Page - Maxim Integrated Products MAX038C/D Datasheet HTML 7Page - Maxim Integrated Products MAX038C/D Datasheet HTML 8Page - Maxim Integrated Products MAX038C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High-Frequency Waveform Generator
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, V+ = DV+ = 5V, V- = -5V, VDADJ = VFADJ = VPDI = VPDO = 0V, RL = 1kΩ, CL = 20pF, TA = +25°C, unless
otherwise noted.)
0.1
1
100
1000
OUTPUT FREQUENCY
vs. IIN CURRENT
10
100
IIN CURRENT (
µA)
10
1
1k
10k
100k
1M
10M
100M
100
µF
47
µF
10
µF
3.3
µF
1
µF
100nF
33nF
3.3nF
330pF
100pF
33pF
1.0
0
-3
2
NORMALIZED OUTPUT FREQUENCY
vs. FADJ VOLTAGE
0.2
0.8
VFADJ (V)
0
0.4
-2
-1
1
0.6
3
1.2
1.4
1.6
1.8
2.0
IIN = 100µA, COSC = 1000pF
0.85
NORMALIZED OUTPUT FREQUENCY
vs. DADJ VOLTAGE
0.90
1.10
DADJ (V)
1.00
0.95
1.05
IIN = 10µA
IIN = 25µA
IIN = 50µA
IIN = 100µA
IIN = 250µA
IIN = 500µA
2.0
-2.5
-2.0
-1.0
1.0
2.5
DUTY-CYCLE LINEARITY
vs. DADJ VOLTAGE
-2.0
1.0
DADJ (V)
0
1.5
0
-1.0
-1.5
-0.5
0.5
1.5
IIN = 10µA
IIN = 25µA
IIN = 50µA
IIN = 100µA
IIN = 250µA
IIN = 500µA
60
0
-3
2
DUTY CYCLE vs. DADJ VOLTAGE
10
50
DADJ (V)
0
30
20
-2
-1
1
40
70
80
90
100
3
IIN = 200µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com